Part Number Hot Search : 
BYP60A5 LBS14021 PBP2718 2409S AD7729 DZ13B NJM37717 AN6135
Product Description
Full Text Search
 

To Download TEN404813WIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc/dc converters ten 40win series, 40 watt features highest power density: 40 w in 1 x 2 x 0.4 package ultra wide 4:1 input range excellent effciency up to 90 % output voltage adjustable remote on/off protection against short circuit and over voltage i/o isolation 1500 vdc operating temperature range C40c to +75c 3-year product warranty the ten 40win series is a new range of isolated high performance dc/dc-con - verter modules. due to the very high effciency of up to 90% these 40 w converters come with a footprint of only 1.0 x 2.0. the 12 models have an ultra wide 4:1 input voltage range and a tight output voltage regulation. the output voltage is ad - justable by external resistor. remote on/off and protection against overpower and over voltage are standard features of these converters. typical applications are in mobile equipment, instrumentation, distributed power architectures in communication and industrial electronics and everywhere where space on the pcb is limited. order code input voltage range output voltage output current max. effciency ten 40-2410win 3.3 vdc 8000 ma 89 % ten 40-2411win 5.0 vdc 8000 ma 90 % ten 40-2412win 9 C 36 vdc 12 vdc 3330 ma 89 % ten 40-2413win (nominal 24 vdc) 15 vdc 2670 ma 89 % ten 40-2415win 24 vdc 1670 ma 91 % ten 40-2422win 12 vdc 1670 ma 88 % ten 40-2423win 15 vdc 1330 ma 88 % ten 40-4810win 3.3 vdc 8000 ma 89 % ten 40-4811win 5.0 vdc 8000 ma 90 % ten 40-4812win 18 C 75 vdc 12 vdc 3330 ma 90 % ten 40-4813win (nominal 48 vdc) 15 vdc 2670 ma 90 % ten 40-4815win 24 vdc 1670 ma 89 % ten 40-4822win 12 vdc 1666 ma 88 % ten 40-4823win 15 vdc 1330 ma 88 % models page 1 of 4 c b scheme http://www.tracopower.com pending
dc/dc converters ten 40win series 40 watt input specifications input current at no load 24 vin; 3.3 & 5.0 vdc models: 90 ma typ. (nominal input voltage) 24 vin; 12 vdc models: 95 ma typ. 24 vin; 15 & 24 vdc models: 105 ma typ. / 115 ma typ. 24 vin; dual output models: 65 ma typ. 48 vin; 3.3 & 5.0 vdc models: 55 ma typ. 48 vin; 12 & 15 vdc models: 60 ma typ. / 65 ma typ. 48 vin; 24 vdc models: 75 ma typ. 48 vin; dual output models: 45 ma typ. surge voltage (100 msec. max.) 24 v models: 50 v max. 48 v models: 100 v max. reflected input ripple current 24 v models: 30 ma typ. 48 v models: 20 ma typ. conducted noise (input) en 55022 level a, fcc part 15, level a with external capacitor see: application note start-up voltage / under voltage shut down 24 v models: 9 vdc / 8.3 vdc (or lower) 48 v models: 18 vdc / 16.5 vdc (or lower) recommended input fuse (slow blow) 24 v models: 8000 ma 48 v models: 4000 ma output specifications voltage set accuracy single output models: 1.0 % dual output models (balanced load): 2.0 % output voltage adjustment range 10 % with external resistor (see below) regulation C input variation vin min. to vin max. 0.5 % max. C load variation single output models (0 C 100%): 0.5 % max. dual output models (9 C 100%): 1.0 % max. minimum load single output models: 0 % dual output models: 9 % of rated max current (operation at lower load condition will not damage the converters. however, they may not meet all listed specifications) temperature coefficient 0.02 %/k ripple and noise (20 mhz bandwidth) 3.3 & 5.0 vdc models: 100 mvpk-pk. typ. with external capacitors 1 f m/c 10 f t/c other models: 150 mvpk-pk typ. transient response (25 % load step change) 250 s typ. short circuit protection hiccup mode, indefinite (automatic recovery) over power protection at 150 % over voltage protection at 120 % of vout nom. typ. capacitive load 3.3 vdc models: 21000 f max. 5.0 vdc models: 13600 f max. 12.0 vdc models: 2400 f max. 15.0 vdc models: 1500 f max. 24.0 vdc models: 600 f max. 12.0 vdc models: 1200 f max. (each output) 15.0 vdc models: 750 f max. (each output) all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. page 2 of 4 output voltage adjustment rd trim +vout ru trim - vout trim up trim down single output models only, ru/rd tba. (open = nominal output voltage) http://www.tracopower.com
dc/dc converters ten 40win series 40 watt all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. page 3 of 4 general specifications temperature ranges C operating (natural convection cooling 20 lfm) C40c to +75c (see load derating) C case temperature +105c max. C storage C50c to +125c load derating C without heatsink 2.5 %/k above 55c C with heatsink 2.5 %/k above 65c humidity (non condensing) 95 % rel h max. reliability, calculated mtbf (mil-hdbk-217f, at +25c, ground benign) 330000 h isolation voltage (60 sec.) C input/output 1500 vdc isolation capacitance C input/output 1500 pf typ isolation resistance C input/output >1000 mohm switching frequency (fixed) 320 khz typ. (pulse width modulation pwm) safety standards ul/cul 60950-1, iec 60950-1:2005 (2nd edition); +a1:2009 safety approvals C csa certificate (ul/cul 60950-1 2nd edition) www.tracopower.com/products/ten40win-csa.pdf C cb test certificate (iec/en 60950-1 2nd edition) www.tracopower.com/products/ten40win-cb.pdf remote on/off C on: 4.7 to 12 vdc or open circuit. C off: 0 to +1.2 vdc or short circuit pin 3 and pin 2 C off idle current: 2.5 ma max. physical specifications casing material aluminum black anodized potting material epoxy (ul 94v-0 rated) weight 30 g (1.05 oz ) soldering temperature max. 260c / 10 sec. environmental compliance C reach www.tracopower.com/products/ten40win-reach.pdf C rohs rohs directive 2011/65/eu application note: www.tracopower.com/products/ten40win-application.pdf http://www.tracopower.com pending
dc/dc converters ten 40win series 40 watt outline dimensions 11.0 5.5 50.8 (2.0) (0.43) (0.22) bottom view 1 4 3 2 6 45.72 5 (1.8) 2.54 (0.1) 7.62 (0.3) 17.78 (0.7) 10.16 (0.4) 20.32 (0.8) 25.4 (1.0) 2.54 (0.1) 2.54 (0.1) dimensions in [mm], () = inch pin diameter: 1.0 0.05 (0.04 0.002) pin pitch tolerance: 0.25 (0.01) case tolerances: 0.25 (0.01) rev. february 14. 2014 page 4 of 4 pin single dual 1 +vin (vcc) +vin (vcc) 2 Cvin (gnd) Cvin (gnd) 3 remote on/off 4 +vout +vout 5 Cvout common 6 trim Cvout pin-out note: efore attaching the heatsink, the product label on converter has to be removed for optimal performance. for volume orders we can supply the converters with heatsink already mounted. please contact us for a relative uotation. order code: ten-hs4 (cont.: heat-sink, thermal pad, 2 clamps) material: aluminum finish: anodic treatment (black) weight: 9.0 g (0.31o) without converter thermal impedance after assembling: 10 /w 18.0 (0.71) max. conver ter heat-sink thermal pad clamp 31.0 (1.22) max. 31.1 (1.22) heat-sink ten-hs4 (optional) sp ec i?cati ons can be changed wi thout noti ce! make sure you are using the latest documentation, downloadable at www.tracopower. com www .tracopower. com


▲Up To Search▲   

 
Price & Availability of TEN404813WIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X